Part Number Hot Search : 
AD7701SQ 00020 SAA7205 BCP69 NTE8125 16C15 2N440 F10D3
Product Description
Full Text Search
 

To Download SMA5114 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMA5114
Absolute maximum ratings
Symbol VDSS VGSS ID ID(pulse) EAS* IAS PT Ratings 60 20 3 6 (PW1ms, Du1%) 6.8 3
N-channel With built-in flywheel diode
Electrical characteristics
Symbol V(BR)DSS IGSS IDSS VTH Re(yfs) RDS(ON) Ciss Coss Crss td(on) tr td(off) tf VSD trr Specification min typ max 60 10 100 1.0 2.5 1.0 2.3 0.20 0.25 0.25 0.30 170 130 20 80 170 330 150 1.0 1.5 80 Unit V A A V S pF pF pF ns ns ns ns V ns
External dimensions B
***
SMA
(Ta=25C)
(Ta=25C)
Unit V V A A mJ A W W C/W C/W C C
Conditions ID=100A, VGS=0V VGS=20V VDS=60V, VGS=0V VDS=10V, ID=250A VDS=10V, ID=1.0A VGS=10V, ID=1.0A VGS=4V, ID=1.0A VDS=10V, f=1.0MHz, VGS=0V ID=1A, VDD 30V, RL=30, VGS=5V, see Fig. 3 on page 16. ISD=3A, VGS=0V ISD=100mA
j-a j-c Tch Tstg
4 (Ta=25C, with all circuits operating, without heatsink) 28 ((Tc=25C,with all circuits operating, with infinite heatsink) 31.2 (Junction-Air, Ta=25C, with all circuits operating) 4.46 (Junction-Case, Tc=25C, with all circuits operating) 150 -40 to +150
* : VDD=20V, L=1mH, IL=3A, unclamped, see Fig. E on page 15.
sEquivalent circuit diagram
2 3 4 9 10 11
qDiode for flyback voltage absorption
Symbol min 120 Specification typ max 1.0 100 1.2 10 Unit V V A ns Conditions IR=10A IF=1A VR=120V IF=100mA
1
5
8
12
6
7
VR VF IR trr
Characteristic curves
ID-VDS Characteristics (Typical)
3
10V 3.4V
ID-VGS Characteristics (Typical)
(VDS=10V)
3
RDS(ON)-ID Characteristics (Typical)
0.5
0.4
(W)
2
2
ID (A)
ID (A)
3.2V
0.3
VGS=4V
(ON)
RDS
1
3V
25C
40C
0.2
10V
1
VGS=2.8V
TC=-
0 0
125
C
0.1
2
4
6
8
10
0 0
1
2
3
4
5
0 0
1
2
3
VDS (V)
VGS (V)
ID (A)
Re(yfs)-ID Characteristics (Typical)
10
RDS(ON)-TC Characteristics (Typical)
(ID=1A)
0.5
Capacitance-VDS Characteristics (Typical)
500
(VDS=10V)
VGS=0V f=1MHz
5
Ciss
0.4
Capacitance (pF)
100 50
Re (yfs) (S)
()
VG
S=
4V
Coss
(ON)
TC=-40C 25C
0.3
10V
1
125C
RDS
0.2
10 5
0.5
0.1
Crss
0.2 0.05
0.1
0.5
1
3
0 -40
0
50
100
150
1 0
10
20
30
40
50
ID (A)
TC (C)
VDS (V)
IDR-VSD Characteristics (Typical)
3
10
Safe Operating Area (SOA)
(TC=25C)
ID (pulse) max
10 1m m s (1 0 s
PT-Ta Characteristics
30
With Silicone Grease Natural Cooling All Circuits Operating
5
10 s
25
2
RDS (ON) LIMITED
IDR (A)
ID (A)
1 0.5
)
PT (W)
sh
20
ot
W ith
VGS=0V
In
15
fin ite He at
5V
sin
1
10
k
0.1
5 Without Heatsink 0 0 50 100 150
0 0
0.5
1.0
1.5
0.05 0.5
1
5
10
50 100
VSD (V)
VDS (V)
Ta (C)
107


▲Up To Search▲   

 
Price & Availability of SMA5114

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X